전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 386 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 386 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 382Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 383Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 384Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 385Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 386Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 387Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 388Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 389Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 390Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 1348 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
386
Freescale Semiconductor
Each channel counter can be read at anytime without affecting the count or the operation of the PWM
channel.
Any value written to the counter causes the counter to reset to $00, the counter direction to be set to up,
the immediate load of both duty and period registers with values from the buffers, and the output to change
according to the polarity bit. When the channel is disabled (PWMEx = 0), the counter stops. When a
channel becomes enabled (PWMEx = 1), the associated PWM counter continues from the count in the
PWMCNTx register. This allows the waveform to continue where it left off when the channel is
re-enabled. When the channel is disabled, writing “0” to the period register will cause the counter to reset
on the next selected clock.
NOTE
If the user wants to start a new “clean” PWM waveform without any
“history” from the old waveform, the user must write to channel counter
(PWMCNTx) prior to enabling the PWM channel (PWMEx = 1).
Generally, writes to the counter are done prior to enabling a channel in order to start from a known state.
However, writing a counter can also be done while the PWM channel is enabled (counting). The effect is
similar to writing the counter when the channel is disabled, except that the new period is started
immediately with the output set according to the polarity bit.
NOTE
Writing to the counter while the channel is enabled can cause an irregular
PWM cycle to occur.
The counter is cleared at the end of the effective period (see Section 8.4.2.5, “Left Aligned Outputs” and
Section 8.4.2.6, “Center Aligned Outputs” for more details).
8.4.2.5
Left Aligned Outputs
The PWM timer provides the choice of two types of outputs, left aligned or center aligned. They are
selected with the CAEx bits in the PWMCAE register. If the CAEx bit is cleared (CAEx = 0), the
corresponding PWM output will be left aligned.
In left aligned output mode, the 8-bit counter is configured as an up counter only. It compares to two
registers, a duty register and a period register as shown in the block diagram in Figure 8-19. When the
PWM counter matches the duty register the output flip-flop changes state causing the PWM waveform to
also change state. A match between the PWM counter and the period register resets the counter and the
output flip-flop, as shown in Figure 8-19, as well as performing a load from the double buffer period and
duty register to the associated registers, as described in Section 8.4.2.3, “PWM Period and Duty”. The
counter counts from 0 to the value in the period register – 1.
Table 8-10. PWM Timer Counter Conditions
Counter Clears ($00)
Counter Counts
Counter Stops
When PWMCNTx register written to
any value
When PWM channel is enabled
(PWMEx = 1). Counts from last value in
PWMCNTx.
When PWM channel is disabled
(PWMEx = 0)
Effective period ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com