전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1230 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1230 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1226Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1227Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1228Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1230 / 1348 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
1232
Freescale Semiconductor
30.1.2
Modes of Operation
30.1.3
Securing the Microcontroller
Once the user has programmed the Flash and EEPROM, the chip can be secured by programming the
security bits located in the options/security byte in the Flash memory array. These non-volatile bits will
keep the device secured through reset and power-down.
The options/security byte is located at address 0xFF0F (= global address 0x7F_FF0F) in the Flash memory
array. This byte can be erased and programmed like any other Flash location. Two bits of this byte are used
for security (SEC[1:0]). On devices which have a memory page window, the Flash options/security byte
is also available at address 0xBF0F by selecting page 0x3F with the PPAGE register. The contents of this
byte are copied into the Flash security register (FSEC) during a reset sequence.
Table 30-1. Features Availability in Unsecure and Secure Modes
Unsecure Mode
Secure Mode
NS
SS
NX
ES
EX
ST
NS
SS
NX
ES
EX
ST
Flash Array Access
✔✔
✔1
1 Availability of Flash arrays in the memory map depends on ROMCTL/EROMCTL pins and/or the state of
the ROMON/EROMON bits in the MMCCTL1 register. Please refer to the S12X_MMC block guide for
detailed information.
✔1
✔1
✔1
✔✔
————
EEPROM Array Access
✔✔✔✔✔✔✔✔
————
NVM Commands
✔2
2 Restricted NVM command set only. Please refer to the FTX/EETX block guides for detailed information.
✔✔2
✔2
✔2
✔✔2
✔2
✔2
✔2
✔2
✔2
BDM
✔✔✔✔✔✔
—
✔3
3 BDM hardware commands restricted to peripheral registers only.
————
DBG Module Trace
✔✔✔✔✔✔
——————
XGATE Debugging
✔✔✔✔✔✔
——————
External Bus Interface
—
—
✔✔✔✔
——
✔✔✔✔
Internal status visible
multiplexed on
external bus
———
✔✔
————
✔✔
—
Internal accesses visible
on external bus
—————
✔
—————
✔
76543210
0xFF0F
KEYEN1
KEYEN0
NV5
NV4
NV3
NV2
SEC1
SEC0
Figure 30-1. Flash Options/Security Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com