전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1286 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1286 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1282Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1283Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1284Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1285Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1286Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1287Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1288Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1289Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1286 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1288
Freescale Semiconductor
Table A-31. Example 2b: Emulation Expanded Mode Timing VDD35 = 5.0 V (EWAITE = 0)
No.
C
Characteristic1
1 Typical supply and silicon, room temperature only
Symbol
1 Stretch
Cycle
2 Stretch
Cycles
3 Stretch
Cycles
Unit
Min
Max
Min
Max
Min
Max
—
—
Internal cycle time
tcyc
25
25
25
25
25
25
ns
1
—
Cycle time
tcyce
50
∞
75
∞
100
∞
ns
2
D
Pulse width, E high
PWEH
11.5
14
11.5
14
11.5
14
ns
3
D
E falling to sampling E rising
tEFSR
35
39.5
60
64.5
85
89.5
ns
4
D
Address delay time
tAD
—5—5—5
ns
5
D
Address hold time
tAH
0—0—0—
ns
6
D
IVD delay time2
2 Includes also ACCx, IQSTATx
tIVDD
—
4.5
—
4.5
—
4.5
ns
7
D
IVD hold time2
tIVDH
0—0—0—
ns
8
D
Read data setup time Maskset L15Y
tDSR
12
—
12
—
12
—
ns
D
Read data setup time Maskset M84E
tDSR
15
—
15
—
15
—
ns
9
D
Read data hold time
tDHR
0—0—0—
ns
10
D
Write data delay time
tDDW
—5—5—5
ns
11
D
Write data hold time
tDHW
0—0—0—
ns
12
D
Read/write data delay time3
3 Includes LSTRB
tRWD
–1
5
–1
5
–1
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com