| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512F0CFVR 데이터시트(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR 데이터시트(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 1348 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.21 42 Freescale Semiconductor Table 1-3. Device Internal Resources (see Figure 1-4) Device RAMSIZE/ RAM_LOW EEPROMSIZE/ EEPROM_LOW FLASHSIZE0/ FLASH_LOW FLASHSIZE1/ FLASH_HIGH 9S12XDT384 20K 0x0F_B000 4K 0x13_F000 128K 0x79_FFFF 256K 0x7C_0000 9S12XDQ256 16K 0x0F_C000 4K 0x13_F000 128K 0x79_FFFF 128K 0x7E_0000 9S12XDT256 16K 0x0F_C000 4K 0x13_F000 9S12XD256 14K 0x0F_C800 4K 0x13_F000 9S12XA256 16K 0x0F_C000 4K 0x13_F000 9S12XB256 10K 0x0F_D800 2K 0x13_F800 |