전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CFVR 데이터시트(PDF) 1297 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR 데이터시트(HTML) 1297 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1293Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1294Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1295Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1296Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1297Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1298Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1299Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1300Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1297 / 1348 page
background image
Appendix D Using L15Y Silicon
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1299
Appendix D
Using L15Y Silicon
The following items should be considerd when using L15Y Silicon:
•
Do not write or read to registers which are marked “Reserved” in Table 1-1.
•
Fill the interrupt vector locations which are marked “Reserved” in Table 1-12. according to your
coding policies for unused interrupts
•
L15Y Silicon includes two analog to digital converters ATD0 and ATD1. ATD0 channels 7 to 0 are
connected to PAD07 to PAD00 and ATD1 channels 7 to 0 are connected to PAD15 to PAD08.
•
L15Y Silicon integrates the S12X_DBG module Version 2. L15Y Silicon integrates the
S12X_MMC module Version 2. This Version doesn’t support the following enhancement which is
available on S12X_MMC Version 3:
— S12XCPU and S12XBDM can access MCU resources which are on different target busses at
the same time. I.E S12XCPU can access XSRAM and S12XBDM can access Register Space
at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More