전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CFVR 데이터시트(PDF) 1327 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR 데이터시트(HTML) 1327 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1323Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1324Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1325Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1326Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1327Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1328Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1329Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1330Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1327 / 1348 page
background image
Appendix G Detailed Register Map
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1329
0x0150–
0x0153
CAN0IDAR0–
CAN0IDAR3
R
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
W
0x0154–
0x0157
CAN0IDMR0–
CAN0IDMR3
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
0x0158–
0x015B
CAN0IDAR4–
CAN0IDAR7
R
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
W
0x015C
–
0x015F
CAN0IDMR4–
CAN0IDMR7
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
0x0160–
0x016F
CAN0RXFG
R
FOREGROUND RECEIVE BUFFER
(See Detailed MSCAN Foreground Receive and Transmit Buffer Layout)
W
0x0170–
0x017F
CAN0TXFG
R
FOREGROUND TRANSMIT BUFFER
(See Detailed MSCAN Foreground Receive and Transmit Buffer Layout)
W
Detailed MSCAN Foreground Receive and Transmit Buffer Layout
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0xXXX0
Extended ID
R
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
Standard ID
R
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
CANxRIDR0
W
0xXXX1
Extended ID
R
ID20
ID19
ID18
SRR=1
IDE=1
ID17
ID16
ID15
Standard ID
R
ID2
ID1
ID0
RTR
IDE=0
CANxRIDR1
W
0xXXX2
Extended ID
R
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
Standard ID
R
CANxRIDR2
W
0xXXX3
Extended ID
R
ID6
ID5
ID4
ID3
ID2
ID1
ID0
RTR
Standard ID
R
CANxRIDR3
W
0xXXX4
–
0xXXXB
CANxRDSR0–
CANxRDSR7
R
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W
0xXXXC
CANRxDLR
R
DLC3
DLC2
DLC1
DLC0
W
0xXXXD
Reserved
R
W
0xXXXE
CANxRTSRH
R
TSR15
TSR14
TSR13
TSR12
TSR11
TSR10
TSR9
TSR8
W
0xXXXF
CANxRTSRL
R
TSR7
TSR6
TSR5
TSR4
TSR3
TSR2
TSR1
TSR0
W
0xXX10
Extended ID
R
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
CANxTIDR0
W
Standard ID
R
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
W
0x0140–0x017F Freescale Scalable CAN — MSCAN (CAN0) Map (continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More