전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6510WCACDG6F 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STM6510WCACDG6F
상세설명  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510WCACDG6F 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STM6510WCACDG6F Datasheet HTML 10Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 11Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 12Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 13Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 14Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 15Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 16Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 17Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DC and AC parameters
STM6510
14/26
Doc ID 16788 Rev 2
4
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the Table 6: DC and AC characteristics that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 5: Operating and measurement conditions. Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Figure 11.
AC testing input/output waveforms
Table 5.
Operating and measurement conditions
Parameter
Value
Unit
VCC supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to +85
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V
0.8 VCC
0.2 VCC
0.7 VCC
0.3 VCC
AM00478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26