전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CALR 데이터시트(PDF) 269 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR 데이터시트(HTML) 269 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 265Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 266Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 267Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 268Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 269Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 270Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 271Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 272Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
269
Operation
RD.L | IMM8
⇒ RD.L
Performs a bit wise logical OR between the low byte of register RD and an immediate 8 bit constant and
stores the result in the destination register RD.L. The high byte of RD is not affected.
CCR Effects
Code and CPU Cycles
ORL
Logical OR Immediate 8 bit Constant
(Low Byte)
ORL
NZ
V
C
∆∆
0—
N:
Set if bit 7 of the result is set; cleared otherwise.
Z:
Set if the 8 bit result is $00; cleared otherwise.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
ORL RD, #IMM8
IMM8
1
0
1
0
0
RD
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More