| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512F0CALR 데이터시트(PDF) 270 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CALR 데이터시트(HTML) 270 Page - Freescale Semiconductor, Inc |
|
270 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 270 Freescale Semiconductor Operation Calculates the number of ones in the register RD. The Carry flag will be set if the number is odd, otherwise it will be cleared. CCR Effects Code and CPU Cycles PAR Calculate Parity PAR NZ V C 0 ∆ 0 ∆ N: 0; cleared. Z: Set if RD is $0000; cleared otherwise. V: 0; cleared. C: Set if there the number of ones in the register RD is odd; cleared otherwise. Source Form Address Mode Machine Code Cycles PAR, RD MON 0 0 0 0 0 RD 1 1 1 1 0 1 0 1 P |