| 전자부품 데이터시트 검색엔진 |
|
STM6502SAAADG6F 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6502SAAADG6F 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 29 page ![]() STM6502, STM6503, STM6504, STM6505 DC and AC parameters Doc ID 16101 Rev 5 17/29 Table 6. DC and AC characteristics Symbol Parameter Test conditions(1) Min. Typ.(2) Max. Unit VCC Supply voltage range Reset output valid - active-low 1.0 5.5 V ICC Supply current (inputs in their inactive state) STM6502 VCC = 5.0 V 1.2 µA VCC = 3.0 V (3) 1.1 µA STM6503 VCC = 5.0 V, TSR left open 4 5.8 µA VCC = 3.0 V, TSR left open (3) 3µA STM6504 VCC = 5.0 V, TSR left open 4 5.8 µA VCC = 3.0 V, TSR left open (3) 3µA STM6505 VCC = 5.0 V 2.3 3.3 µA VCC = 3.0 V (3) 2.2 µA Output characteristics VOL Reset output voltage low (reset asserted: RST, BLD) VCC ≥ 4.5 V, sinking 3.2 mA 0.3 V VCC ≥ 3.3 V, sinking 2.5 mA 0.3 V VCC ≥ 1.0 V, sinking 0.1 mA 0.3 V tREC Reset timeout delay, factory-programmed Option A 140 210 280 ms Option B 240 360 480 ms VCC monitoring reset thresholds VRST Fixed voltage trip point for VCC monitoring (refer to Table 7) –40 to +85 °C VRST –2.5% VRST VRST +2.5% V 25 °C VRST –2.0% VRST VRST +2.0% V VHYST Hysteresis of VRST L, M 0.5% T, S, R, Z, Y, W, V 1% VCC to reset delay VCC falling from (VRST + 100 mV) to (VRST - 100 mV) at 10 mV/µs(4) 20 µs VBAT monitoring VBATTH Fixed VBAT monitoring threshold STM6505 only 1.225 1.25 1.275 V VBATHYST VBATTH hysteresis STM6505 only 8 16 mV ILI(VBAT) VBAT input leakage current STM6505 only –100 10 100 nA |