전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRB1645 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MBRB1645
상세설명  SWITCHMODE Power Rectifiers16 A, 35 and 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB1645 데이터시트(HTML) 2 Page - ON Semiconductor

  MBRB1645 Datasheet HTML 1Page - ON Semiconductor MBRB1645 Datasheet HTML 2Page - ON Semiconductor MBRB1645 Datasheet HTML 3Page - ON Semiconductor MBRB1645 Datasheet HTML 4Page - ON Semiconductor MBRB1645 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR1635, MBR1645, MBRB1645
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance,
Junction−to−Case
RqJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 16 Amps, TC = 125°C)
(iF = 16 Amps, TC = 25°C)
vF
0.57
0.63
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40
0.2
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com