전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMDF2P02HDR2G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MMDF2P02HDR2G
상세설명  Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2P02HDR2G 데이터시트(HTML) 3 Page - ON Semiconductor

  MMDF2P02HDR2G Datasheet HTML 1Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 2Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 3Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 4Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 5Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 6Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 7Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMDF2P02HD
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0
0
2
4
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
02
4
10
0.6
0.04
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage Current
versus Voltage
VDS ≥ 10 V
100
°C
25
°C
TJ = − 55°C
0.4
68
−50
0
50
100
150
3
1
1
2
4
3
1.0
1.5
2.0
3.5
0.2
0.20
0.08
0
1.0
2.0
3.0
4.0
0.6
10
0
5
10
15
VGS = 10 V
ID = 2 A
1.4
20
0
0.16
0.12
2.5
3.0
ID = 1 A
TJ = 25°C
TJ = 25°C
0.5
1.5
2.5
3.5
10 V
VGS = 4.5 V
−25
25
75
125
0.8
1.6
1.2
VGS = 0 V
TJ = 125°C
100
°C
1.0
3.7 V
3.1 V
2.7 V
2.9 V
3.3 V
3.5 V
4.5 V
3.9 V
TJ = 25°C
2.5 V
VGS = 10 V
0
0.2
0.4
0.6
0.8
1.4
1
1.2
1.6
1.8
2



Html Pages

1 2 3 4 5 6 7 8