| 전자부품 데이터시트 검색엔진 |
|
AM3715 데이터시트(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3715 데이터시트(HTML) 63 Page - Texas Instruments |
|
63 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued) BALL BALL TOP PIN NAME [2] MODE [3] TYPE [4] BALL BALL RESET RESET POWER [8] HYS [9] BUFFER PULLUP IO CELL BOTTOM [1] RESET REL. STATE REL. MODE STRENGTH /DOWN [12] [1] STATE [5] [6] [7] (mA) [10] TYPE [11] A2, AF1, A2, AA1, No Connect (2) - - - - - - - - - - B1,D5, K23, AA2,B1, B2, A5, A7, A9, B20, Y1 A10, A11, A12, A14, A15, A16, A17, A19, A21, A22, AA23, AB23, AC9, AC12, AC13, AC14, AC17, AC20, AC22, AC23, AD9, AD11, AD12, AD13, AE1, AE8, AE11, AE12, AE13, AF2, AF3, AF11, B7, B8, B9, B10, B11, B12, B13, B14, B15, B16, B17, B18, B19, B20, B21, B22, C7, C8, C9, C10, C13, C14, C15, C16, C17 C18, C19, C20, C21, C22, D8, D11, D16, D17, D19, D21, D22, E23, F4, G7, G13, G14, G15, G16, G17, G19, H8, H9, H10, H11, H12, H13, H14, H15, H16, H17, H18, H19, H23, J3, J4, J7, J8, J9, J10, J11, J12, J13, J14, J16, J17, J19, J20, K4, K7, K8, K9, K10, K12, K16, K17, K19, L8, M8, M23, N18, P2, P4, P24, R23, R24, R25, R26, T25, T26, U23, V4, W12, Y23 AF23 NA sys_xtalgnd 0 GND A4 NA gpmc_a11 0 O L L 7 vdds Yes 8 PU/PD LVCMOS safe_mode 7 D6 NA cap_vdd_bb_mpu_i 0 PWR va N9 NA cap_vdd_sram_mpu 0 PWR _iva K20 NA cap_vdd_sram_core 0 PWR Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 63 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |