| 전자부품 데이터시트 검색엔진 |
|
SN74LVC00ADR 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC00ADR 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 22 page ![]() www.ti.com Recommended Operating Conditions (1) Recommended Operating Conditions (1) SN54LVC00A, SN74LVC00A QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCAS279P – JANUARY 1993 – REVISED JULY 2005 SN54LVC00A –55 °C to 125°C UNIT MIN MAX Operating 2 3.6 VCC Supply voltage V Data retention only 1.5 VIH High-level input voltage VCC = 2.7 V to 3.6 V 2 V VIL Low-level input voltage VCC = 2.7 V to 3.6 V 0.8 V VI Input voltage 0 5.5 V VO Output voltage 0 VCC V VCC = 2.7 V –12 IOH High-level output current mA VCC = 3 V –24 VCC = 2.7 V 12 IOL Low-level output current mA VCC = 3 V 24 (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. SN74LVC00A TA = 25°C –40 °C to 85°C –40 °C to 125°C UNIT MIN MAX MIN MAX MIN MAX Operating 1.65 3.6 1.65 3.6 1.65 3.6 VCC Supply voltage V Data retention only 1.5 1.5 1.5 VCC = 1.65 V to 1.95 V 0.65 × V CC 0.65 × V CC 0.65 × V CC High-level VIH VCC = 2.3 V to 2.7 V 1.7 1.7 1.7 V input voltage VCC = 2.7 V to 3.6 V 2 2 2 VCC = 1.65 V to 1.95 V 0.35 × V CC 0.35 × V CC 0.35 × V CC Low-level VIL VCC = 2.3 V to 2.7 V 0.7 0.7 0.7 V input voltage VCC = 2.7 V to 3.6 V 0.8 0.8 0.8 VI Input voltage 0 5.5 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC 0 VCC V VCC = 1.65 V –4 –4 –4 VCC = 2.3 V –8 –8 –8 High-level IOH mA output current VCC = 2.7 V –12 –12 –12 VCC = 3 V –24 –24 –24 VCC = 1.65 V 4 4 4 VCC = 2.3 V 8 8 8 Low-level IOL mA output current VCC = 2.7 V 12 12 12 VCC = 3 V 24 24 24 (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |