전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC1T45DBVT 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC1T45DBVT
상세설명  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVT 데이터시트(HTML) 17 Page - Texas Instruments

Back Button SN74LVC1T45DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 20Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC1T45DBVR
SOT-23
DBV
6
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1T45DBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1T45DBVT
SOT-23
DBV
6
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1T45DCKR
SC70
DCK
6
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1T45DCKT
SC70
DCK
6
250
180.0
8.4
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1T45DRLR
SOT
DRL
6
4000
180.0
9.2
1.78
1.78
0.69
4.0
8.0
Q3
SN74LVC1T45YZPR
DSBGA
YZP
6
3000
178.0
9.2
1.02
1.52
0.63
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jul-2010
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25