전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431ACLP 데이터시트(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
부품명 TL431ACLP
상세설명  PRECISION PROGRAMMABLE REFERENCE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL431ACLP 데이터시트(HTML) 58 Page - Texas Instruments

Back Button TL431ACLP Datasheet HTML 54Page - Texas Instruments TL431ACLP Datasheet HTML 55Page - Texas Instruments TL431ACLP Datasheet HTML 56Page - Texas Instruments TL431ACLP Datasheet HTML 57Page - Texas Instruments TL431ACLP Datasheet HTML 58Page - Texas Instruments TL431ACLP Datasheet HTML 59Page - Texas Instruments TL431ACLP Datasheet HTML 60Page - Texas Instruments TL431ACLP Datasheet HTML 61Page - Texas Instruments TL431ACLP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL431CPSR
SO
PS
8
2000
346.0
346.0
33.0
TL431CPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
TL431IDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431IDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431IDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431IDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431IPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431QDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431QDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431QDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431QDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431QDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431QDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431QDR
SOIC
D
8
2500
340.5
338.1
20.6
TL432ACDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL432ACDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432ACDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL432ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL432AIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL432AIDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432AIDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL432AIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL432AQDBVR
SOT-23
DBV
5
3000
203.0
203.0
35.0
TL432AQDBVT
SOT-23
DBV
5
250
203.0
203.0
35.0
TL432AQDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432AQDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL432AQPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL432BCDBVR
SOT-23
DBV
5
3000
203.0
203.0
35.0
TL432BCDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432BCDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL432BCPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL432BIDBVR
SOT-23
DBV
5
3000
203.0
203.0
35.0
TL432BIDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432BIDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL432BIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL432BQDBVR
SOT-23
DBV
5
3000
203.0
203.0
35.0
TL432BQDBVT
SOT-23
DBV
5
250
203.0
203.0
35.0
TL432BQDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432BQPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL432CDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL432CDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL432CDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL432CPK
SOT-89
PK
3
1000
340.0
340.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jul-2010
Pack Materials-Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75