| 전자부품 데이터시트 검색엔진 |
|
TMS320DM647ZUT7 데이터시트(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT7 데이터시트(HTML) 67 Page - Texas Instruments |
|
67 / 181 page ![]() TMS320DM647 TMS320DM648 www.ti.com SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 Table 6-6. PLL1 Clock Frequency Ranges CLOCK SIGNAL MIN MAX UNIT CLKIN1 25 66.6 MHz PLLREF (PLLEN = 1)(1) 25 66.6 MHz PLLOUT (1) 400 720 (-720 devices) MHz 400 800 (-800 devices)(2) MHz 400 900 (-900 devices) MHz 400 1100 (-1100 devices) MHz SYSCLK4 1/16P(3) PLLOUT/ (2*(PLLDIV4.RATIO+1))(4) MHz (1) Only applies when the PLL1 Controller is set to PLL mode (PLLEN = 1 in the PLLCTL register). Based on CLKIN1 and PLLOUT, PLL1 multiplier factor ranges from x16 to x32. (2) Only for Extended Temperature Range device (-800 MHz) (3) P = 1/CPU clock frequency in ns (4) PLLDIV4.RATIO =3 6.4.2 PLL1 Controller Operating Modes The PLL1 controller has two modes of operation: bypass mode and PLL mode. The mode of operation is determined by the PLLEN bit of the PLL control register (PLLCTL). In PLL mode, SYSREFCLK is generated from the device input clock CLKIN1 using the divider PREDIV and the PLL multiplier PLLM. In bypass mode, CLKIN1 is fed directly to SYSREFCLK. All hosts (i.e., HPI) must hold off accesses to the DSP while the frequency of its internal clocks is changing. A mechanism must be in place such that the DSP notifies the host when the PLL configuration has completed. 6.4.3 PLL1 Stabilization, Lock, and Reset Times The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to become stable after device power-up. The PLL should not be operated until this stabilization time has finished. The PLL reset time is the amount of wait time needed when resetting the PLL (writing PLLRST = 1) for the PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For the PLL1 reset time value, see Table 6-7. Table 6-7. PLL1 Stabilization, Lock, and Reset Times MIN TYP MAX UNIT PLL stabilization time 150 ms PLL lock time 2000 × C(1) ms PLL reset time 128 × C(1) ms (1) C = CLKIN1 cycle time in ns. For example, when CLKIN1 frequency is 50 MHz, use C = 20 ns. Copyright © 2010–2009, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 67 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |