| 전자부품 데이터시트 검색엔진 |
|
MMST2222A-TP 데이터시트(PDF) 1 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
MMST2222A-TP 데이터시트(HTML) 1 Page - Micro Commercial Components |
|
1 / 2 page ![]() MMST2222A NPN Plastic-Encapsulate Transistors Features • Power Dissipation: 0.2W • Ultra-small surface mount package • Marking: K3P Maxim um Ratings Symbol Rating Rating Unit VCEO Collector-Emitter Voltage 40 V VCBO Collector-Base Voltage 75 V VEBO Emitter-Base Voltage 6.0 V ICBO Collector Cut-off Current (VCB=70V, IE=0) 100 mA ICEO Collector Cut-off Current (VCE=35V, IB=0) 100 mA IEBO Emitter Cut-off Current (VEB=3V, IC=0) 100 mA PC Power dissipation (1) 200 mW TJ Junction Temperature -55 to +150 TSTG Storage Temperature -55 to +150 Electrical Characteristics @ 25OC Unless Otherwise Specified Symbol Parameter Min Max Units OFF CHARACTERISTICS (2) V(BR)CEO Collector-Emitter Breakdown Voltage (IC=1.0mAdc, IB=0) 40 --- Vdc V(BR)CBO Collector-Base Breakdown Voltage (IC=10mAdc, IE=0) 75 --- Vdc V(BR)EBO Collector-Emitter Breakdown Voltage (IE=10uAdc, IC=0) 6.0 --- Vdc ON CHARACTERISTICS(2) hFE DC Current Gain (IC=150mAdc, VCE=10Vdc) (IC=1.0mAdc, VCE=10Vdc) 100 50 300 --- --- --- VCE(sat) Collector-Emitter Saturation Voltage (IC=500mAdc, IB=50mAdc) --- 0.6 Vdc VBE(sat) Base-Emitter Saturation Voltage (IC=500mAdc, IB=50mAdc) --- 1.2 Vdc fT Transition Frequency (VCE=20V, IC=20mA, f=100MHz) 300 --- Hz Cob Output Capacitance (VCB=10V, IE=0mA, f=1MHz) --- 8 pF td Delay Time (VCC=30V , Icc=150mA ,VBE(off)=0.5V, IB1=15mA) --- 10 ns tr Rise Time (VCC=30V , Icc=150mA ,VBE(off)=0.5V, IB1=15mA) --- 25 ns ts Storage Time (VCC=30V , Icc=150mA , IB1=IB2=15mA) --- 225 ns tf Fall Time (VCC=30V , Icc=150mA , IB1=IB2=15mA) --- 60 ns SOT-323 Suggested Solder Pad Layout INCHES MM DIM MIN MAX MIN MAX NOTE A .071 .087 1.80 2.20 B .045 .053 1.15 1.35 C .079 .087 2.00 2.20 D .026 Nominal 0.65Nominal E .047 .055 1.20 1.40 F .012 .016 .30 .40 G .000 .004 .000 .100 H .035 .039 .90 1.00 J .004 .010 .100 .250 K .012 .016 .30 .40 A C B D E F G H J 1.90 0.70 0.90 0.65 0.65 DIMENSIONS K omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: 3 2008/01/01 TM Micro Commercial Components E B C www.mccsemi.com 1 of 2 • Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1 |
유사한 부품 번호 - MMST2222A-TP |
|
유사한 설명 - MMST2222A-TP |