전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B3716 데이터시트(PDF) 3 Page - EPCOS

부품명 B3716
상세설명  SAW filter Short range devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B3716 데이터시트(HTML) 3 Page - EPCOS

  B3716 Datasheet HTML 1Page - EPCOS B3716 Datasheet HTML 2Page - EPCOS B3716 Datasheet HTML 3Page - EPCOS B3716 Datasheet HTML 4Page - EPCOS B3716 Datasheet HTML 5Page - EPCOS B3716 Datasheet HTML 6Page - EPCOS B3716 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
September 21, 2009
B3716
869.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
T
=
25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
869.00
—
MHz
Maximum insertion attenuation
α
max
868.00 ...
870.00 MHz
—
2.5
3.0
dB
Amplitude ripple (p-p)
∆α
868.00 ...
870.00 MHz
—
0.3
0.7
dB
Attenuation
α
10.00 ...
838.00 MHz
40
43
—
dB
838.00 ...
856.40 MHz
24
32
—
dB
856.40 ...
858.50 MHz
20
26
—
dB
880.00 ...
883.00 MHz
23
32
—
dB
883.00 ...
893.00 MHz
29
32
—
dB
893.00 ... 1200.00 MHz
45
48
—
dB
1200.00 ... 2000.00 MHz
31
35
—
dB
Temperature coefficient of frequency
TCf
—
-30
—
ppm/K



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com