전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM1812-R10K-RC 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 PM1812-R10K-RC
상세설명  SMT Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1812-R10K-RC 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  PM1812-R10K-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1812-R10K-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM1812-R10K-RC Datasheet HTML 3Page - Bourns Electronic Solutions PM1812-R10K-RC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM1210 & PM1812 Series SMT Chip Inductors
PM1210 Series
RoHS Complliant
1210 Size
Part Number
Inductance
µH
Tolerance
Q
min.
Test Frequency
MHz
SRF min.
MHz
RDC
ohms max.
IDC
mA max.
PM1210-1R0J-RC
1.0
±5 %
30
7.96
115
0.69
230
PM1210-1R2J-RC
1.2
±5 %
30
7.96
100
0.75
215
PM1210-1R5J-RC
1.5
±5 %
30
7.96
90
0.75
210
PM1210-1R8J-RC
1.8
±5 %
30
7.96
85
0.82
200
PM1210-2R2J-RC
2.2
±5 %
30
7.96
80
0.95
190
PM1210-2R7J-RC
2.7
±5 %
30
7.96
75
1.1
180
PM1210-3R3J-RC
3.3
±5 %
30
7.96
65
1.2
180
PM1210-3R9J-RC
3.9
±5 %
30
7.96
60
1.3
175
PM1210-4R7J-RC
4.7
±5 %
30
7.96
55
1.5
165
PM1210-5R6J-RC
5.6
±5 %
30
7.96
50
1.6
160
PM1210-6R8J-RC
6.8
±5 %
30
7.96
45
1.8
150
PM1210-8R2J-RC
8.2
±5 %
30
7.96
40
2.0
140
PM1210-100J-RC
10
±5 %
30
2.52
36
2.1
140
PM1210-120J-RC
12
±5 %
30
2.52
33
2.5
125
PM1210-150J-RC
15
±5 %
30
2.52
30
2.8
120
PM1210-180J-RC
18
±5 %
30
2.52
27
3.3
110
PM1210-220J-RC
22
±5 %
30
2.52
25
3.7
105
PM1210-270J-RC
27
±5 %
30
2.52
22
5.0
90
PM1210-330J-RC
33
±5 %
30
2.52
20
5.6
85
PM1210-390J-RC
39
±5 %
30
2.52
20
6.4
80
PM1210-470J-RC
47
±5 %
30
2.52
15
7.0
75
PM1210-560J-RC
56
±5 %
30
2.52
15
8.0
70
PM1210-680J-RC
68
±5 %
30
2.52
15
9.0
65
PM1210-820J-RC
82
±5 %
30
2.52
11
10
60
PM1210-101J-RC
100
±5 %
20
0.796
10
10
60
PM1210-121J-RC
120
±5 %
20
0.796
10
11
55
PM1210-151J-RC
150
±5 %
20
0.796
8
15
50
PM1210-181J-RC
180
±5 %
20
0.796
7
17
50
PM1210-221J-RC
220
±5 %
20
0.796
7
21
45



Html Pages

1 2 3 4