전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XIO2001 데이터시트(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
부품명 XIO2001
상세설명  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 데이터시트(HTML) 20 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 2-6. JTAG Terminals (continued)
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
JTAG_TRST
L09
L09
60
I
LV
VDD_33
JTAG test reset. This terminal provides
CMOS
Optional for asynchronous initialization
of the TAP controller.
Note: This terminal has an internal
Optional pullup
active pullup resistor. The pullup is
resistor
active at all times.
Note: This terminal should be tied to
ground or pulled low if JTAG is not
required.
Table 2-7. Miscellaneous Terminals
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
CLKRUN_E
A13
C11
96
I
LV
VDD_33
Clock run enable
N
CMOS
0 = Clock run support disabled
Optional
1 = Clock run support enabled
pullup
resistor
Note: The CLKRUN_EN input buffer has an
internal active pulldown. This pulldown is active
at all times.
EXT_ARB_
C10
A12
97
I
LV
VDD_33
External arbiter enable
EN
CMOS
0 = Internal arbiter enabled
Optional
pullup
1 = External arbiter enabled
resistor
Note: The EXT_ARB_EN input buffer has an
internal active pulldown. This pulldown is active
at all times.
GPIO0 //
N09
N09
55
I/O
LV
VDD_33
General-purpose I/O 0/clock run. This terminal
CLKRUN
CMOS
functions as a GPIO controlled by bit 0
(GPIO0_DIR) in the GPIO control register (see
Section 4.59) or the clock run terminal. This
terminal is used as clock run input when the
bridge is placed in clock run mode.
Optional
pullup
Note: In clock run mode, an external pullup
resistor
resistor is required to prevent the CLKRUN
signal from floating.
Note: This terminal has an internal active pullup
resistor. The pullup is only active when reset is
asserted or when the GPIO is configured as an
input.
GPIO1 //
M09
M09
56
I/O
LV
VDD_33
General-purpose I/O 1/power override. This
PWR_OVR
CMOS
terminal functions as a GPIO controlled by bit 1
D
(GPIO1_DIR) in the GPIO control register (see
Section 4.59) or the power override output
terminal. GPIO1 becomes PWR_OVRD when
bits 22:20 (POWER_OVRD) in the general
–
control register are set to 001b or 011b (see
Section 4.65).
Note: This terminal has an internal active pullup
resistor. The pullup is only active when reset is
asserted or when the GPIO is configured as an
input.
GPIO2
N10
N10
57
I/O
LV
VDD_33
General-purpose I/O 2. This terminal functions
CMOS
as a GPIO controlled by bit 2 (GPIO2_DIR) in
the GPIO control register (see Section 4.59).
–
Note: This terminal has an internal active pullup
resistor. The pullup is only active when reset is
asserted or when the GPIO is configured as an
input.
20
Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com