전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PACDN045YB6R-R 데이터시트(PDF) 21 Page - ON Semiconductor

부품명 PACDN045YB6R-R
상세설명  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN045YB6R-R 데이터시트(HTML) 21 Page - ON Semiconductor

Back Button PACDN045YB6R-R Datasheet HTML 16Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 17Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 18Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 19Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 20Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 21Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 22Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 23Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 21 of 24 | www.onsemi.com
Mechanical Details (continued)
TSSOP-8 Mechanical Specifications:
The PACDN044TR is supplied in a 8-pin TSSOP package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package
TSSOP
Pins
8
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
—
1.10
—
0.0433
A1
0.05
0.15
0.002
0.006
B
0.19
0.30
0.0075
0.0118
C
0.09
0.20
0.0035
0.0079
D
2.90
3.10
0.114
0.122
E
6.25
6.50
0.246
0.256
E1
4.30
4.50
0.169
0.177
e
0.65 BSC
0.0256 BSC
L
0.50
0.70
0.020
0.028
# per tape
and reel
2500 pcs
Controlling dimension: millimeters
E1
D
E
TOP VIEW
L
END VIEW
C
B
A
A1
SEAT ING
PLANE
12
3
4
87
6
5
e
SIDE VIEW
Pin 1 Mar king
Package Dimensions for TSSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24