전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B4146 데이터시트(PDF) 5 Page - EPCOS

부품명 B4146
상세설명  Short range devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B4146 데이터시트(HTML) 5 Page - EPCOS

  B4146 Datasheet HTML 1Page - EPCOS B4146 Datasheet HTML 2Page - EPCOS B4146 Datasheet HTML 3Page - EPCOS B4146 Datasheet HTML 4Page - EPCOS B4146 Datasheet HTML 5Page - EPCOS B4146 Datasheet HTML 6Page - EPCOS B4146 Datasheet HTML 7Page - EPCOS B4146 Datasheet HTML 8Page - EPCOS B4146 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
June 26, 2006
B4146
881.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω || 68nH(balanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
881.50
MHz
Maximum insertion attenuation
α
max
869.00 ...
894.00 MHz
2.8
3.1
dB
Amplitude ripple (p-p)
∆α
869.00 ...
894.00 MHz
1.0
1.3
dB
VSWR
869.00 ...
894.00 MHz
1.8
1.9
Attenuation
α
0.00 ...
824.00 MHz
50
60
dB
824.00 ...
849.00 MHz
35
40
dB
924.00 ...
970.00 MHz
30
40
dB
970.00 ... 1300.00 MHz
50
65
dB
1300.00 ... 2000.00 MHz
40
60
dB
2000.00 ... 3000.00 MHz
30
50
dB
Maximum ratings
Operable temperature range TA
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD
VESD
50
V
Human Body Model
Input power max.
PIN
5
dBm
source impedance 50



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com