전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF2B6.8CT 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 DF2B6.8CT
상세설명  Product for Use Only as Protection against Electrostatic Discharge (ESD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6.8CT 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  DF2B6.8CT Datasheet HTML 1Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 2Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 3Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF2B6.8CT
2009-06-22
2
Guaranteed Level of ESD Immunity
Criterion: No damage to device elements
Test Condition
ESD Immunity Level
IEC61000-4-2
(Contact discharge)
±8 kV



Html Pages

1 2 3 4