| 전자부품 데이터시트 검색엔진 |
|
SPMCK16Z4MPV20 데이터시트(PDF) 475 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 데이터시트(HTML) 475 Page - Freescale Semiconductor, Inc |
|
475 / 500 page ![]() M68HC16 Z SERIES INITIALIZATION AND PROGRAMMING EXAMPLES USER’S MANUAL E-23 E.2.2 CPU16 Programming Example The following programming example involves using the CPU16 indexed and extended addressing modes. Refer to SECTION 4 CENTRAL PROCESSOR UNIT for more information on the CPU16. E.2.2.1 Example 5 - Indexed and Extended Addressing * Description : This program demonstrates indexed and extended * addressing. ***************************************************************************** **** INCLUDE 'EQUATES.ASM' ;table of EQUates for common register addresses INCLUDE 'ORG00000.ASM' ;initialize reset vector INCLUDE 'ORG00008.ASM' ;initialize interrupt vectors ORG $0200 ;start program after interrupt vectors ***** Initialization Routines ***** INCLUDE 'INITSYS.ASM' ;initially set EK=F, XK=0, YK=0, ZK=0 ;set sys clock at 16.78MHz, disable COP INCLUDE 'INITRAM.ASM' ;initialize and turn on SRAM ;set stack (SK=#$1, SP=#$03FE) ***** Start of main program ***** LDAB #$00 TBZK ;point ZK to bank 0 LDZ #$FFFE ;set IZ=#$FFFE OFFSET EQU $02 ;SET OFFSET = $02 LDAB #$01 TBEK ;point EK to bank 1 GO: LDAA #$00 STAA $0000 ;write 00 to $10000 (extended) LDAA #$FF STAA OFFSET,Z ;write ff to $10000 (indexed) BRA GO ***** Exceptions/Interrupts ***** BDM: BGND ;exception vectors point here ;and put the user in background mode Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |