| 전자부품 데이터시트 검색엔진 |
|
SPMCK16Z4MPV20 데이터시트(PDF) 479 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 데이터시트(HTML) 479 Page - Freescale Semiconductor, Inc |
|
479 / 500 page ![]() M68HC16 Z SERIES INITIALIZATION AND PROGRAMMING EXAMPLES USER’S MANUAL E-27 STAB TMSK2 ;& set the TCNT's prescale to sysclock/128 * Set up Input Capture and Output Compare LDAB #$27 ;Input Captures STAB TCTL2 ;TIC1=either, TIC2=rise, TIC3=fall, TIC4=off LDAB #$01 ;Output Compares STAB TCTL1 ;TOC2=toggle, TOC3=off, TOC4=off, TOC5=off LDD #$1000 ;set OC2 to toggle every time that STD TOC2 ;TCNT is #$1000 * Set up the Pulse Width Modulators A and B LDD #$0064 ;set PWM prescaler to div by 128 STD PWMC ;set PWMA fast (512 Hz) ;and PWMB slow (4 Hz) LDAB #$80 ;set 50% duty cycle STAB PWMA ;in PWMA STAB PWMB ;in PWMB * Set up the Pulse Accumulator LDD #$5000 ;set PAC to sense rising edges in STD PACTL ;event counting mode * Other Initializations LDAB #$00 TBXK ;set XK to bank 0 for STRING access PAOV_CNT EQU 0 ;counter variable for PAOV_ROUTINE LDAB #$01 TBZK LDZ #$0000 ;PAOV_CNT will be indexed off ZK:IZ LDAB #$0A STAB PAOV_CNT,Z ;load a 10 into the variable ANDP #$FF1F ;set interrupt priority mask level to 0 ***** Start of main program ***** GO: NOP BRA GO ;Let's loop until we're interrupted ***** Subroutines ***** SEND_STRING: EVEN ;subroutine to send out the entire ASCII string LDAB 0,X ;get next byte in string as pointed to by IX BEQ STRING_DONE ;if B=00, then the string is done JSR SEND_CH ;go send out the byte AIX #$01 ;increment IX to point to the next byte BRA SEND_STRING ;loop back and do next byte in string STRING_DONE: RTS ;go back to whence we came SEND_CH: ;subroutine to send out one byte to SCI LDAA SCSR ;read SCI status reg to check/clear TDRE bit Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |