| 전자부품 데이터시트 검색엔진 |
|
ECEC2DB391CJ 데이터시트(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECEC2DB391CJ 데이터시트(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 5 page ![]() Aluminum Electrolytic Capacitors/ HB EE145 Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar.2006 250 (A) (mm) (V) (µF) (pcs) n (mm) Min.PackagingQ'ty Specification Dia. Length Case size Cap. (±20%) W.V. Ripple current (120Hz) (+105 °C) Standard Products 820 30 30 2.0 0.15 ECEC2DB821DJ 200 35 25 2.0 0.15 ECEC2DB821EJ 200 1000 25 50 2.2 0.15 ECEC2DB102CJ 200 30 35 2.2 0.15 ECEC2DB102DJ 100 35 30 2.2 0.15 ECEC2DB102EJ 200 200 1200 30 40 2.3 0.15 ECEC2DB122DJ 100 35 35 2.3 0.15 ECEC2DB122EJ 100 1500 30 50 2.5 0.15 ECEC2DB152DJ 100 35 40 2.5 0.15 ECEC2DB152EJ 100 1800 35 45 2.7 0.15 ECEC2DB182EJ 100 2200 35 50 2.9 0.15 ECEC2DB222EJ 100 330 25 30 1.2 0.15 ECEC2EB331CJ 200 390 30 25 1.3 0.15 ECEC2EB391DJ 200 470 22 50 1.4 0.15 ECEC2EB471BJ 200 25 40 1.4 0.15 ECEC2EB471CJ 200 30 30 1.4 0.15 ECEC2EB471DJ 200 560 25 45 1.5 0.15 ECEC2EB561CJ 200 35 25 1.5 0.15 ECEC2EB561EJ 200 680 25 50 1.7 0.15 ECEC2EB681CJ 200 30 40 1.7 0.15 ECEC2EB681DJ 100 35 30 1.7 0.15 ECEC2EB681EJ 200 820 30 45 2.0 0.15 ECEC2EB821DJ 100 35 35 2.0 0.15 ECEC2EB821EJ 100 1000 30 50 2.2 0.15 ECEC2EB102DJ 100 35 40 2.2 0.15 ECEC2EB102EJ 100 1200 35 45 2.3 0.15 ECEC2EB122EJ 100 1500 35 50 2.5 0.15 ECEC2EB152EJ 100 180 25 30 0.9 0.15 ECEC2FB181CJ 200 220 25 35 1.0 0.15 ECEC2FB221CJ 200 30 25 1.0 0.15 ECEC2FB221DJ 200 270 22 50 1.1 0.15 ECEC2FB271BJ 200 25 40 1.1 0.15 ECEC2FB271CJ 200 30 30 1.1 0.15 ECEC2FB271DJ 200 330 25 45 1.2 0.15 ECEC2FB331CJ 200 315 30 35 1.2 0.15 ECEC2FB331DJ 100 390 25 50 1.3 0.15 ECEC2FB391CJ 200 30 40 1.3 0.15 ECEC2FB391DJ 100 35 30 1.3 0.15 ECEC2FB391EJ 200 470 30 45 1.4 0.15 ECEC2FB471DJ 100 35 35 1.4 0.15 ECEC2FB471EJ 100 560 30 50 1.5 0.15 ECEC2FB561DJ 100 35 40 1.5 0.15 ECEC2FB561EJ 100 Endurance : 105 °C 2000h Terminal Pitch : 10mm When capacitors of φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid using adhesives including halogenated compositions.) tan δ (120Hz) (+20 °C) Part No. PET Sleeve Terminal Length 4.0mm (Without P.V.C.plate) |