| 전자부품 데이터시트 검색엔진 |
|
ECEC2DB821CJ 데이터시트(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECEC2DB821CJ 데이터시트(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 5 page ![]() Aluminum Electrolytic Capacitors/ HB EE146 Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar.2006 315 (A) (mm) (V) (µF) (pcs) n (mm) Min.PackagingQ'ty Specification Dia. Length Case size Cap. (±20%) W.V. Ripple current (120Hz) (+105 °C) Standard Products 680 35 45 1.7 0.15 ECEC2FB681EJ 100 820 35 50 2.0 0.15 ECEC2FB821EJ 100 120 22 30 0.75 0.15 ECEC2VB121BJ 200 25 25 0.75 0.15 ECEC2VB121CJ 200 150 22 35 0.82 0.15 ECEC2VB151BJ 200 180 22 40 0.90 0.15 ECEC2VB181BJ 200 25 30 0.90 0.15 ECEC2VB181CJ 200 30 25 0.90 0.15 ECEC2VB181DJ 200 220 22 45 1.0 0.15 ECEC2VB221BJ 200 25 35 1.0 0.15 ECEC2VB221CJ 200 270 25 45 1.1 0.15 ECEC2VB271CJ 200 350 30 30 1.1 0.15 ECEC2VB271DJ 200 35 25 1.1 0.15 ECEC2VB271EJ 200 330 25 50 1.2 0.15 ECEC2VB331CJ 200 30 40 1.2 0.15 ECEC2VB331DJ 100 35 30 1.2 0.15 ECEC2VB331EJ 200 390 30 45 1.3 0.15 ECEC2VB391DJ 100 35 30 1.3 0.15 ECEC2VB391EJ 200 470 30 50 1.4 0.15 ECEC2VB471DJ 100 560 35 45 1.5 0.15 ECEC2VB561EJ 100 680 35 50 1.7 0.15 ECEC2VB681EJ 100 82 22 30 0.64 0.15 ECEC2GB820BJ 200 100 22 30 0.69 0.15 ECEC2GB101BJ 200 25 25 0.69 0.15 ECEC2GB101CJ 200 120 22 35 0.75 0.15 ECEC2GB121BJ 200 25 30 0.75 0.15 ECEC2GB121CJ 200 150 22 40 0.82 0.15 ECEC2GB151BJ 200 25 30 0.82 0.15 ECEC2GB151CJ 200 30 25 0.82 0.15 ECEC2GB151DJ 200 180 22 45 0.95 0.15 ECEC2GB181BJ 200 25 35 0.95 0.15 ECEC2GB181CJ 200 400 30 30 0.95 0.15 ECEC2GB181DJ 200 220 25 45 1.1 0.15 ECEC2GB221CJ 200 30 30 1.1 0.15 ECEC2GB221DJ 200 35 25 1.1 0.15 ECEC2GB221EJ 200 270 25 50 1.2 0.15 ECEC2GB271CJ 200 30 35 1.2 0.15 ECEC2GB271DJ 100 35 30 1.2 0.15 ECEC2GB271EJ 200 330 30 45 1.35 0.15 ECEC2GB331DJ 100 35 35 1.35 0.15 ECEC2GB331EJ 100 390 30 50 1.55 0.15 ECEC2GB391DJ 100 35 40 1.55 0.15 ECEC2GB391EJ 100 Endurance : 105 °C 2000h Terminal Pitch : 10mm When capacitors of φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid using adhesives including halogenated compositions.) tan δ (120Hz) (+20 °C) Part No. PET sleeve Terminal Length 4.0mm (Without P.V.C.plate) |