전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B41231 데이터시트(PDF) 4 Page - EPCOS

부품명 B41231
상세설명  Aluminum electrolytic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B41231 데이터시트(HTML) 4 Page - EPCOS

  B41231 Datasheet HTML 1Page - EPCOS B41231 Datasheet HTML 2Page - EPCOS B41231 Datasheet HTML 3Page - EPCOS B41231 Datasheet HTML 4Page - EPCOS B41231 Datasheet HTML 5Page - EPCOS B41231 Datasheet HTML 6Page - EPCOS B41231 Datasheet HTML 7Page - EPCOS B41231 Datasheet HTML 8Page - EPCOS B41231 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
4
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
* = Shorter terminal (4.0
± 0.5) is also available upon request.
KAL1095-Q-E
Mounting
holes
Minus pole marking
0.8±0.1
0.8±0.1
1.5±0.1
10±0.2
ø2±0.1
Safety vent
on the base
Base
Insulating
sleeve
AEC-C_B41231_B43231.book Seite 4 Mittwoch, 16. April 2008 2:27 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23