| 전자부품 데이터시트 검색엔진 |
|
ECES2DC102DB 데이터시트(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECES2DC102DB 데이터시트(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 4 page ![]() Aluminum Electrolytic Capacitors/MC — EE166 — Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. -40 to + 105 °C -25 to + 105 °C 200 to 250 V .DC 400 to 450 V .DC 120 to 1500 µ F 39 to 390 µ F ±20 % (120Hz/+20 °C) Frequency (Hz) 50 60 100 120 500 1k 10k to 0.75 0.80 0.95 1.00 1.20 1.25 1.40 Category temp. range Rated W.V. Range Nominal Cap. Range DC Leakage Current Capacitance Tolerance tan δ Endurance Shelf Life Frequency Correction Factor for Ripple Current 0.03 CV (µA) or 3 mA, whichever is smaller, after 5 minutes application of rated working voltage at +20 °C. C:Capacitance(µF) V: W.V. (V.DC) Capacitance change tan δ DC leakage current ±20 % of initial measured value < 200 % of initial specified value < initial specified value Please see the attached standard products list. After 2000 hours application of DC voltage with specified ripple current (< rated DC working voltage) at +105 °C, the capacitor shall meet the following limits. After storage for 1000 hours at +105±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance.(With voltage treatment) n Dimensions in mm (not to scale) n Features n Recommended Applications n Specifications Snap-in Type Endurance: 105 °C 2000 h Smoothing circuits, AC adaptor MC Series: TS Type : Overvoltage Please contact the factory for detailed information on test methods and standards relating overvoltage characteristics. Correction Factor Japan U.S.A Malaysia i 10.0±0.1 L+2.0 max (10.0) 2- φ2.0±0.1 P.V.C. sleeve Vent Polarity bar Recommended PWB piercing plan 1.5±0.2 +0.2 0.8 -0.1 2.0max +0.2 0.8 -0.1 1.5 ± 0.2 2.0max i i Terminal (t= 0.8) Bottom of can Bottom of can (Standard terminal type) Standard terminal type does not require terminal trimming process. Country of Origin Mar. 2005 |
유사한 부품 번호 - ECES2DC102DB |
|
유사한 설명 - ECES2DC102DB |