전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF2186PCBA 데이터시트(PDF) 6 Page - RF Micro Devices

부품명 RF2186PCBA
상세설명  3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2186PCBA 데이터시트(HTML) 6 Page - RF Micro Devices

  RF2186PCBA Datasheet HTML 1Page - RF Micro Devices RF2186PCBA Datasheet HTML 2Page - RF Micro Devices RF2186PCBA Datasheet HTML 3Page - RF Micro Devices RF2186PCBA Datasheet HTML 4Page - RF Micro Devices RF2186PCBA Datasheet HTML 5Page - RF Micro Devices RF2186PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary
2-202
RF2186
Rev A2 010515
2
Evaluation Board Layout
Board Size 2.0” x 2.0”
Board Thickness 0.028”, Board Material FR-4, Multi-Layer, Ground Plane at 0.014



Html Pages

1 2 3 4 5 6