전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF2310PCBA 데이터시트(PDF) 6 Page - RF Micro Devices

부품명 RF2310PCBA
상세설명  WIDEBAND GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2310PCBA 데이터시트(HTML) 6 Page - RF Micro Devices

Back Button RF2310PCBA Datasheet HTML 2Page - RF Micro Devices RF2310PCBA Datasheet HTML 3Page - RF Micro Devices RF2310PCBA Datasheet HTML 4Page - RF Micro Devices RF2310PCBA Datasheet HTML 5Page - RF Micro Devices RF2310PCBA Datasheet HTML 6Page - RF Micro Devices RF2310PCBA Datasheet HTML 7Page - RF Micro Devices RF2310PCBA Datasheet HTML 8Page - RF Micro Devices RF2310PCBA Datasheet HTML 9Page - RF Micro Devices RF2310PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-80
RF2310
Rev C5 010717
4
S-Parameter Conditions:
All plots are taken at ambient temperature =25°C.
NOTE:
All S11 and S22 plots shown were taken from an RF2310 evaluation board with external input and output tuning compo-
nents removed and the reference points at the RF IN and RF OUT pins.
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S11 Vcc=3V
Swp Max
3.005GHz
Swp Min
0.01GHz
S11 V
CC =3V
2.5 GHz
2GHz
1GHz
80 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S11 Vcc=5V
Swp Max
3.005GHz
Swp Min
0.01GHz
S11 V
CC =5V
1GHz
2.5 GHz
2GHz
100 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S22 Vcc=3V
Swp Max
3.005GHz
Swp Min
0.01GHz
S22 V
CC =3V
1GHz
1.6 GHz
2GHz
100 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S22 Vcc=5V
Swp Max
3.005GHz
Swp Min
0.01GHz
S22 V
CC =5V
1GHz
2GHz
2.5 GHz
200 MHz
50 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10