전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B32321 데이터시트(PDF) 5 Page - EPCOS

부품명 B32321
상세설명  Film capacitors - AC capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 데이터시트(HTML) 5 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS B32321 Datasheet HTML 7Page - EPCOS B32321 Datasheet HTML 8Page - EPCOS B32321 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32321/B32323 MotorCap™
Dimensional drawings
B32321
B32323
FK PC PM AC
July 2007
Please read the important notes,
Page 5 of 9
cautions and warnings.
10
Stud M8x1.25
Nut M8x1.25
Star Washer 8mm
# = 3: Can with M8 bolt
10
10
M-Clip
Ø2.2+0.1/-0
Ø8.2+0.2/-0
# = 5: Fast fix mounting
M8-sized
fast
fixation
# = 1: Can without mounting
Mounting options



Html Pages

1 2 3 4 5 6 7 8 9