전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M1510-S-8-R10851-HD 데이터시트(PDF) 2 Page - GSI Group, Inc.

부품명 M1510-S-8-R10851-HD
상세설명  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROESYS [GSI Group, Inc.]
홈페이지  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-8-R10851-HD 데이터시트(HTML) 2 Page - GSI Group, Inc.

  M1510-S-8-R10851-HD Datasheet HTML 1Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 2Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 3Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 4Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 5Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 6Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 7Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 8Page - GSI Group, Inc. M1510-S-8-R10851-HD Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 9
Optional software lets you view signal
strength, Lissajous plots, position data
and diagnostics.
SmartPrecision™
Alignment Tool - SSAT 1500
Provides fast set up; the built-in
LED indicators make alignment
fast and easy, eliminating the
need for an oscilloscope.
The RS232 Interface Adapter
provides power to the encoder
and connections to a PC. This is
included with the Alignment Tool.
SmartPrecision™ Software
Encoder Sensor
Same for linear and
rotary scales.
Controller
Interface Cable
Optional Software
M1500H Encoder System
Standard Equipment
M1500H
RS-422 compatible
5 x 2 header
Micro-connector
M1500S Encoder System
Standard Equipment
System Configurations
Standard and Optional Equipment
M1500S
RS-422 compliant
15 pin standard
D-sub connector



Html Pages

1 2 3 4 5 6 7 8 9