| 전자부품 데이터시트 검색엔진 |
|
BA6800AS 데이터시트(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6800AS 데이터시트(HTML) 1 Page - Rohm |
|
1 / 7 page ![]() 797 Audio ICs Fluorescent display tube level meter driver, 16-point 2 channel, VU scale, bar display BA6800AS The BA6800AS is a two-channel, 16-point fluorescent display tube driver for VU-scale bar-level meters. It uses a dynam- ic-drive system and has both AC and DC inputs. The AC input mode has a peak hold circuit. The IC features a power-on mute, and the output block can directly drive fluorescent display tubes, so few external components are required. The grid output duty cycle is 1 / 8. FApplications Level meters for all types of AV equipment FFeatures 1) Uses dynamic-drive system to display two 16-point channels. 30-pin SDIP package. 2) AC and DC inputs provided. Switching function al- lows two-mode display. 3) Upper 12 points have peak hold function in AC mode (two seconds). 4) Power-on mute function. 5) Dynamic-drive system reduces the power dissipa- tion of the fluorescent display tube power supply. 6) Square root compression amplifier built in. FAbsolute maximum ratings (Ta = 25_C) |
유사한 부품 번호 - BA6800AS |
|
유사한 설명 - BA6800AS |