전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDFGS187 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 CDFGS187
상세설명  VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CDFGS187 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  CDFGS187 Datasheet HTML 1Page - Molex Electronics Ltd. CDFGS187 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190090012
Status:
Active
Description:
VibraKrimp™ Quick Disconnect Flag, Female, for 14-16 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-005 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19009
Comments
Wire Grip
Crimp Quality Equipment
Yes
Product Name
VibraKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Flag
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
Per Wire Specification
Wire Insulation Diameter
3.68mm (.145") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
BB-4171
Reference - Drawing Numbers
Product Specification
PS-19902-005
Sales Drawing
CDFGS187
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19009Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640034200
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - CDFGS187

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
CDFGS187 MOLEX4-CDFGS187 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag
More results

유사한 설명 - CDFGS187

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0190090013 MOLEX4-0190090013 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090010 MOLEX4-0190090010 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090004 MOLEX4-0190090004 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190090017 MOLEX4-0190090017 Datasheet
72Kb / 3P
VibraKrimp??Quick Disconnect Flag, Female, for 16-14 AWG Wire, Metal Strip Carrier
0190090014 MOLEX4-0190090014 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Mylar Tape Carrier
0190090011 MOLEX4-0190090011 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Mylar Tape Carrier
0190090016 MOLEX4-0190090016 Datasheet
73Kb / 3P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Metal Strip Carrier
0190090001 MOLEX4-0190090001 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag,Female, for 18-22 AWG Wire
0190090003 MOLEX4-0190090003 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190090018 MOLEX4-0190090018 Datasheet
73Kb / 3P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Metal Strip Carrier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com