| 전자부품 데이터시트 검색엔진 |
|
SA2532AS 데이터시트(PDF) 14 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA2532AS 데이터시트(HTML) 14 Page - Sames |
|
14 / 22 page ![]() 14/22 SA2532 sames ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings Positive Supply Voltage ....................................................................................... -0.3V ≤V DD≤7V Input current .................................................................................................................. ±25mA Input Voltage (LS) .............................................................................................. -0.3V ≤V IN≤10V Input Voltage (LI, CS) ........................................................................................... -0.3V ≤V IN≤8V Input Voltage (STB, RI) .............................................................................. -2V ≤V VIN≤VDD+0.3V Input Voltage (MO) ............................................................................................. -0.3V ≤V IN≤35V Digital Input Voltage ................................................................................... -0.3V ≤V IN≤VDD+0.3V Electrostatic Discharge ................................................................................................... ±800V Storage Temperature ...................................................................................... -65°C to +125°C Recommended Operating Conditions Supply Voltage * (Speech Mode).......................................................................... 4V ≤≤≤≤≤V DD≤5V Oscillator Frequency (Resonator: Murata CSA 3.58M G312AM).......................... 3.58 MHz Operating Temperature ................................................................................... -25°C to +70°C * This voltage is generated internally DC Characteristics (I LINE = 15 mA unless otherwise specified) Symbol Parameter Conditions Min Typ Max Units I DD Operating Current Speech mode 3 5 mA MF dialling 4 mA LD dialling V DD = 2.5V 200 µA Ring mode V DD = 2.5V 300 µA I DDO Retention Current Idle mode V DD = 2V, 0.05 µA T AMB = 25°C V LI Line Voltage (default) 13mA ≤I LINE ≤100mA 4.5 V I OL Output Current, Sink V OL = 0.4V 1.5 mA CS,HS/DP,MO Flash |