| 전자부품 데이터시트 검색엔진 |
|
SA9109B 데이터시트(PDF) 2 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9109B 데이터시트(HTML) 2 Page - Sames |
|
2 / 18 page ![]() SA9109B 2/18 sames BLOCK DIAGRAM DESCRIPTION (continued) The measured energy is displayed in kiloWatt hours (kWh). The SA9109B is capable of driving a display having a resolution of 1/10 kWh. This innovative universal energy metering integrated circuit is ideally suited for energy measurement in single phase systems. The SA9109B integrated circuit is available in a 44 pin plastic leaded chip carrier (PLCC- 44) package type. SERIAL OUT INTERFACE TIMING & CONTROL IN TE GRA T . & PULSE RAT E G E NE RAT IO N TARIFF REGISTERS DR-01253 VREF CPIN CPON CPOP PGM REF PDTA PB COP IV N GND IIN IIP CIN CIP CON VBA ANALO G SIGNAL PRO- CESSING SD0 SR[1] SR[0] PCLK OSC OSCI OSC2 S[10] S[13] COFF S[11] S[12] R[0] LCD CONTROL DD R[3] R[1] R[2] V S[3] S[4] S[5] S[6] S[7] S[8] S[9] S[0] V SS S[1] S[2] |