전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA9603CSA 데이터시트(PDF) 16 Page - Sames

부품명 SA9603CSA
상세설명  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMES [Sames]
홈페이지  http://www.sames.co.za
Logo SAMES - Sames

SA9603CSA 데이터시트(HTML) 16 Page - Sames

Back Button SA9603CSA Datasheet HTML 10Page - Sames SA9603CSA Datasheet HTML 11Page - Sames SA9603CSA Datasheet HTML 12Page - Sames SA9603CSA Datasheet HTML 13Page - Sames SA9603CSA Datasheet HTML 14Page - Sames SA9603CSA Datasheet HTML 15Page - Sames SA9603CSA Datasheet HTML 16Page - Sames SA9603CSA Datasheet HTML 17Page - Sames SA9603CSA Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SA9603C
sames
16/18
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9603C
DIP-20/SOIC-20
2
XTAL
Crystal, 3.5795MHz
Colour burst TV
3
RSH
Resistor
Note 1
4
R1
Resistor, 1%, metal
Note 2
5
R2
Resistor, 1%, metal
Note 2
6
R3
Resistor, 390k, (230VAC) 1%, metal
7
R4
Resistor, 1M, 1/4W, metal
8
R6
Resistor, 24k, 1/4W, metal
9
R7
Resistor, 24k, 1/4W, metal
10
R8
Resistor, 2.2k, 1/4W, 5%
11
R9
Resistor, 2.2k, 1/4W, 5%
12
C9
Capacitor, 820nF
Note 3
13
C10
Capacitor, 100nF
14
C11
Capacitor
Note 4
15
CT
Current Transformer
Note 1:
See TYPICAL APPLICATIONS when selecting the value of RSH.
Note 2:
Resistor (R1and R2) values are dependant upon the selected value of
RSH.
Note 3:
Capacitor (C9) to be positioned as close to IC-1, as possible.
Note 4:
Capacitor (C11) selected for DC blocking and to minimize phase error
introduced by the current transformer.
Part Number
Package
SA9603CPA
DIP-14
SA9603CPA
DIP-20
SA9603CSA
SOIC-20
Note:
When ordering, the package option must be specified along with the part
number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18