| 전자부품 데이터시트 검색엔진 |
|
S6B0708 데이터시트(PDF) 28 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 데이터시트(HTML) 28 Page - Samsung semiconductor |
|
28 / 29 page ![]() S6B0708 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD 28 APPLICATION DIAGRAM3 (ADC = H, SHL = H) MPU C 33 . . . . C 64 C1 . . . . C32 S128 S127 . . . S2 S1 S6 B0 708 (Bo ttom view) COM1 . . COM32 LCD pane l (64 x 128) COM3 3 . . COM64 SEG1 SEG2 .... SEG127 SEG128 1 2 VDD VEE V0 V1 V 2 V 3 V 4 V5 Note: When ADC=L, connects chip select pins (CS1B, CS2B) as follows. - CS1B (MPU) -> CS2B (S6B0708) - CS2B (MPU) -> CS1B (S6B0708) |