전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA4708 데이터시트(PDF) 2 Page - Sanken electric

부품명 SLA4708
상세설명  Stepper Motor Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4708 데이터시트(HTML) 2 Page - Sanken electric

  SLA4708 Datasheet HTML 1Page - Sanken electric SLA4708 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
10
20
30
Power supply voltage VS (V)
20
10
0
200
Constant (ST = 5V)
At standby (ST = 0V)
100
010
20
30
0
10
12
14
2
4
6
8
Power supply voltage VS (V)
35
=
T
25ºC
a
V
12V
cc=
Common for
all phases
0
1.0
2.0
3.0
0
1.0
2.0
Output current IO (A)
Ta =25ºC
Common for
all phases
0.5
1.5
0
0
Junction temperature Tj (ºC)
=
V
5V
ST
10
Vcc (Vs) =12V
110
120
130
140
150
160
j2
T
j1
T
14
12
2
4
6
8
43
s Power Supply Current Characteristics
s Overvoltage Protection Characteristics
s Saturation Voltage of Output Transistor Characteristics
s Thermal Protection Characteristics
Vcc (Vs) =16V



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com