전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC4051 데이터시트(PDF) 12 Page - ON Semiconductor

부품명 HC4051
상세설명  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 데이터시트(HTML) 12 Page - ON Semiconductor

Back Button HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor HC4051 Datasheet HTML 10Page - ON Semiconductor HC4051 Datasheet HTML 11Page - ON Semiconductor HC4051 Datasheet HTML 12Page - ON Semiconductor HC4051 Datasheet HTML 13Page - ON Semiconductor HC4051 Datasheet HTML 14Page - ON Semiconductor HC4051 Datasheet HTML 15Page - ON Semiconductor HC4051 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
ANALOG
SIGNAL
Figure 15. Application Example
Figure 16. External Germanium or
Schottky Clipping Diodes
a. Using Pull–Up Resistors
b. Using HCT Interface
Figure 17. Interfacing LSTTL/NMOS to CMOS Inputs
ON
6
7
8
16
+5V
-5V
ANALOG
SIGNAL
+5V
-5V
+5V
-5V
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 5V
DIGITAL SIGNALS
ON/OFF
7
8
16
VCC
VEE
VEE
Dx
VCC
Dx
VEE
Dx
VCC
Dx
ANALOG
SIGNAL
ON/OFF
6
7
8
16
+5V
VEE
ANALOG
SIGNAL
+5V
VEE
+5V
VEE
11
10
9
R
*
R
R
LSTTL/NMOS
CIRCUITRY
+5V
* 2K ≤ R ≤ 10K
ANALOG
SIGNAL
ON/OFF
6
7
8
16
+5V
VEE
ANALOG
SIGNAL
+5V
VEE
+5V
VEE
11
10
9
LSTTL/NMOS
CIRCUITRY
+5V
HCT
BUFFER
Figure 18. Function Diagram, HC4051
13
X0
14
X1
15
X2
12
X3
1
X4
5
X5
2
X6
4
X7
3
X
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
11
A
10
B
9
C
6
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com