전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT90PWM2 데이터시트(PDF) 136 Page - ATMEL Corporation

부품명 AT90PWM2
상세설명  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 데이터시트(HTML) 136 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 361 page
background image
136
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 16-7. PSCn0 & PSCn1 Basic Waveforms in Two Ramp mode
PSCOUTn0 and PSCOUTn1 signals are defined by On-Time 0, Dead-Time 0, On-Time 1 and
Dead-Time 1 values with :
On-Time 0 = (OCRnRAH/L - OCRnSAH/L) * 1/Fclkpsc
On-Time 1 = (OCRnRBH/L - OCRnSBH/L) * 1/Fclkpsc
Dead-Time 0 = (OCRnSAH/L + 1) * 1/Fclkpsc
Dead-Time 1 = (OCRnSBH/L + 1) * 1/Fclkpsc
Note:
Minimal value for
Dead-Time 0 and Dead-Time 1 = 1/Fclkpsc
16.5.2.3
One Ramp Mode
In One Ramp mode, PSCOUTn0 and PSCOUTn1 outputs can overlap each other.
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSC Cycle
OCRnRB
OCRnSB
OCRnRA
OCRnSA
PSC Counter
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More