| 전자부품 데이터시트 검색엔진 |
|
SC2604MSTRT 데이터시트(PDF) 4 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2604MSTRT 데이터시트(HTML) 4 Page - Semtech Corporation |
|
4 / 14 page ![]() SC2604 4 www.semtech.com © 2007 Semtech Corp. Parameter Conditions Min Typ Max Units PWM Switch Gate Drive Gate Source Current V IN = 2V, CGATE = 0nF 0.5 0.8 A Gate Sink Current V IN = 2V, CGATE = 0nF 0.5 0.8 A PWM Switch Soft Start Soft Start Charge Current 55 µA SS/VREF Threshold to Shutdown Switch Pull down below this level to disable PWM Switch gate 00 mV SS/VREF Threshold to Turn-on Switch Pull above this level to enable PWM Switch gate 30 mV Disconnect Switch Gate Drive DRV Source Current V IN = 2V, VDRV = 5.5V 45 µA DRV Sink Current V IN = 2V, VDRV = 8V 45 µA Over Current Protection Current Limit Threshold V IN - CS 6 72 83 mV OCP/EN Threshold Pull down below this level to disable Disconnect FET gate 520 590 660 mV OCP/EN Charge Current 37 µA OCP/EN Discharge Current .0 µA CS Input Current 0.2 µA Note: (). Guaranteed by Characterization (2). Guaranteed by design Electrical Characteristics (Cont.) Unless otherwise noted, V IN = 2V, VO = 25V, -40°C < TA = TJ < 25°C. |