| 전자부품 데이터시트 검색엔진 |
|
VRD50MNX 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VRD50MNX 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 36 page ![]() AnaSem Inc. 1 Rev. C09-08 产品规格书 AnaSem 安纳森半导体 .......... Future of the analog world 高速度 , 低压差, ±1% 高输出精度,配ON/OFF功能CMOS双路稳压器 VRD 系列 概述 VRD系列乃高速度,低压差,高输出电压精度双路稳压器,以低压差来达成 高输出精度的规格。因双路稳压器的管道都是在 IC内个别分开的,串音就能大 大减少。 VRD系列的电压输出能在指定的温度范围内保证±1%的精度,而集 成电路内以温度系数调整的高准确率参考电压值来做基准。 VRD系列以低ES R电容来作输出的稳定作用。而已冲好的ESR电容能由VRD系列在CE=VSS的 情况下由内置的开关来放电,能助 VOUT迅速回复到VSS水平。另外,VRD系 列也备有电流过高的保护电路,能防止电流通量超越输出三极管的限制电流容 量。 特点 输出电压范围 ······································································· 工作电压范围 ·································································· 高精度电压输出 ··························································· 高电流输出 ·································································· 输入输出压差 ················································································ 低电流功耗 ·································································· 高嘈音抑制比 ························································································· 低 ESR电容 ························································································· 工作温度范围 ·································································· 内置高电流限制保护 ································································ CL 高速自动放电 内置 ON/OFF开关电路 小型封装 ························································································· 应用范围 电池驱动之产品 手机 数码相机或摄像机 无卤素 RoHS 符合标准 手提式电玩产品 手提式电子产品仪器 0.8V~5.0V (能以每0.05V间隔设定输出电压) 1.6V~6.0V ±1% (Vout=1.95V ~ 5.0V) / ±20mV (Vout=0.8V ~ 1.9V) 250mA(个别单道LDO) Typ.90mV (output=3.0V, IOUT=100mA) Typ. 25µA / 每道LDO Typ. 75dB at 1KHz 1.0 µF 陶瓷式电容 –40°C ~ +85°C 电流限制 : 300mA SOT-26 (400mW), SON-6 (600mW) , LLP-6 (1000mW) |