전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GBU8A 데이터시트(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

부품명 GBU8A
상세설명  8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
홈페이지  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

GBU8A 데이터시트(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  GBU8A Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. GBU8A Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBU8A THRU GBU8M
GBU
Features
Maximum Ratings
Part Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.860
.880
21.80
22.30
B
.720
.740
18.30
18.80
C
.130
.140
3.30
3.56
D
.690
.710
17.50
18.00
E
.030
.039
0.76
1.00
G
.290
.310
7.40
7.90
I
.065
.085
1.65
2.16
J
.089
.108
2.25
2.75
K
.077
.093
1.95
2.35
L
.040
.050
1.02
1.27
M
.190
.210
4.83
5.33
H
.140
.160
3.50
4.10
F
.018
.022
0.46
0.56
8 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Plastic Package has Underwriters Laboratory
Glass Passivated Chip Junction
High Temperature Soldering Guaranteed
High Surge Overload Rating
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
GBU8A
GBU8A
50V
35V
50V
GBU8B
GBU8B
100V
70V
100V
GBU8D
GBU8D
200V
140V
200V
GBU8G
GBU8G
400V
280V
400V
GBU8K
GBU8K
800V
560V
800V
GBU8M
GBU8M
1000V
700V
1000V
GBU8J
GBU8J
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
60pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
C
E
F
B
I
N
N
N
N
+
++
+
----
~
~~
~
~
~~
~
A
D
G
H
M
L
K
J
3.2x45
1.90 RADIUS
N
7.0 TYPICAL
IFM=4A
Typical Thermal Resistance
2.2°C/W Junction to Case
I t Rating for fusing
2
I t
2
166A S
2
(t<8.3ms)
MASTER INSTRUMENT CORPORATION
Web Site:
1/2
WWW.PS-PFS.COM


유사한 부품 번호 - GBU8A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Transys Electronics
GBU8A TRSYS-GBU8A Datasheet
182Kb / 3P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBU8A WTE-GBU8A Datasheet
50Kb / 3P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A Datasheet
247Kb / 3P
8.0 Ampere Bridge Rectifiers
logo
General Semiconductor
GBU8A GE-GBU8A Datasheet
80Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

유사한 설명 - GBU8A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU8A MCC-GBU8A Datasheet
105Kb / 3P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_08 Datasheet
93Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_13 Datasheet
208Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBU8A MCC-GBU8A_16 Datasheet
194Kb / 3P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA8005 MCC-KBJA8005 Datasheet
501Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD8KB05 MCC-UD8KB05 Datasheet
339Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com