전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F2M121ANDD 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 R5F2M121ANDD
상세설명  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD 데이터시트(HTML) 5 Page - Renesas Technology Corp

  R5F2M121ANDD Datasheet HTML 1Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 2Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 3Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 4Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 5Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 6Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 7Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 8Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 5 of 45
Aug 25, 2010
Note:
1. Specify the D version if its functions are to be used.
Table 1.4
Specifications (2)
Item
Function
Description
Flash memory
• Program/erase voltage for program ROM: VCC = 1.8 V to 5.5 V
• Program/erase voltage for data flash: VCC = 1.8 V to 5.5 V
• Program/erase endurance:10,000 times (data flash)
10,000 times (program ROM)
• Program security: ID code check, protection enabled by lock bit
• Debug functions: On-chip debug, on-board flash rewrite function
Operating frequency/
Power supply voltage
f(XIN) = 20 MHz (VCC = 2.7 V to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 V to 5.5 V)
Temperature range
-20
°C to 85 °C (N version)
-40
°C to 85 °C (D version) (1)
Package
14-pin TSSOP: [Package code] PTSP0014JA-B
14-pin DIP: [Package code] PRDP0014AC-A
20-pin LSSOP: [Package code] PLSP0020JB-A
20-pin DIP: [Package code] PRDP0020AD-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com