전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F2M121ADSP 데이터시트(PDF) 31 Page - Renesas Technology Corp

부품명 R5F2M121ADSP
상세설명  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ADSP 데이터시트(HTML) 31 Page - Renesas Technology Corp

Back Button R5F2M121ADSP Datasheet HTML 27Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 28Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 29Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 30Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 31Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 32Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 33Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 34Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 31 of 45
Aug 25, 2010
Notes:
1. Vcc = 1.8 V to 5.5 V, Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise specified.
2. This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0 % when the serial interface is used in
UART mode.
3. This indicates the precision error for the oscillation frequency of the high-speed on-chip oscillator.
Note:
1. Vcc = 1.8 V to 5.5 V, Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise specified.
Notes:
1. The measurement condition is Vcc = 1.8 V to 5.5 V and Topr = 25
°C.
2. Wait time until the internal power supply generation circuit stabilizes during power-on.
Table 4.10
High-Speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
High-speed on-chip oscillator frequency after
reset is cleared
Vcc = 5.0 V, Topr = 25
°CTBD
20
TBD
MHz
High-speed on-chip oscillator frequency
when the FR18S0 register adjustment value
is written into the FRV1 register and the
FR18S1 register adjustment value into the
FRV2 register (2)
TBD
18.432
TBD
MHz
High-speed on-chip oscillator frequency
dependence on temperature and power
supply voltage (3)
Vcc = 2.7 V to 5.5 V
-20
°C ≤ Topr ≤ 85 °C
TBD
—
TBD
%
Vcc = 2.7 V to 5.5 V
-40
°C ≤ Topr ≤ 85 °C
TBD
—
TBD
%
Vcc = 2.2 V to 5.5 V
-20
°C ≤ Topr ≤ 85 °C
TBD
—
TBD
%
Vcc = 2.2 V to 5.5 V
-40
°C ≤ Topr ≤ 85 °C
TBD
—
TBD
%
Vcc = 1.8 V to 5.5 V
-20
°C ≤ Topr ≤ 85 °C
TBD
—
TBD
%
Vcc = 1.8 V to 5.5 V
-40
°C ≤ Topr ≤ 85 °C
TBD
—
TBD
%
—
Oscillation stabilization time
Vcc = 5.0 V, Topr = 25
°C
—
100
450
µs
—
Self power consumption at oscillation
Vcc = 5.0 V, Topr = 25
°C
—
400
—
µA
Table 4.11
Low-Speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fLOCO
Low-speed on-chip oscillator frequency
60
125
250
kHz
—
Oscillation stabilization time
Vcc = 5.0 V, Topr = 25
°C
—
10
100
µs
—
Self power consumption at oscillation
Vcc = 5.0 V, Topr = 25
°C—
2
—
µA
Table 4.12
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for internal power supply stabilization
during power-on (2)
—
—
2,000
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com