| 전자부품 데이터시트 검색엔진 |
|
MCP3901A2T-I/SS 데이터시트(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3901A2T-I/SS 데이터시트(HTML) 37 Page - Microchip Technology |
|
37 / 60 page ![]() © 2010 Microchip Technology Inc. DS22192C-page 37 MCP3901 6.7.1 CONTINUOUS WRITE Both ADCs are powered up with their default configurations, and begin to output DR pulses immediately (RESET<1:0> and SHUTDOWN<1:0> bits are off by default). The default output codes for both ADCs are all zeros. The default modulator output for both ADCs is ‘0011’ (corresponding to a theoretical zero voltage at the inputs). The default phase is zero between the two channels. It is recommended to enter into ADC Reset mode for both ADCs, just after power-up, because the desired MCP3901 register configuration may not be the default one, and in this case, the ADC would output undesired data. Within the ADC Reset mode (RESET<1:0> = 11), the user can configure the whole part with a single communication. The write commands automatically increment the address so that the user can start writing the PHASE register and finish with the CONFIG2 reg- ister in only one communication (see Figure 6-6). The RESET<1:0> bits are in the CONFIG2 register to allow exiting the Soft Reset mode, and have the whole part configured and ready to run in only one command. The following register sets are defined as groups: The following register sets are defined as types: 6.8 Situations that Reset ADC Data Immediately after the following actions, the ADCs are temporarily reset in order to provide proper operation: 1. Change in PHASE register. 2. Change in the OSR setting. 3. Change in the PRESCALE setting. 4. Overwrite of the same PHASE register value. 5. Change in the CLKEXT bit in the CONFIG2 register, modifying internal oscillator state. After these temporary Resets, the ADCs go back to the normal operation with no need for an additional command. These are also the settings where the DR position is affected. The PHASE register can be used to serially Soft Reset the ADCs, without using the RESET bits in the Configuration register, if the same value is written in the PHASE register. FIGURE 6-7: Recommended Configuration Sequence at Power-up. TABLE 6-1: REGISTER GROUPS Group Addresses ADC DATA CH0 0x00-0x02 ADC DATA CH1 0x03-0x05 MOD, PHASE, GAIN 0x06-0x08 CONFIG, STATUS 0x09-0x0B TABLE 6-2: REGISTER TYPES Type Addresses ADC DATA (both channels) 0x00-0x05 CONFIGURATION 0x06-0x0B 00011000 CS SCK SDI AVDD 11XXXXXX CONFIG2 ADDR/W CONFIG2 Optional Reset of Both ADCs One Command for Writing Complete Configuration PHASE ADDR/W GAIN STATUS/COM CONFIG1 CONFIG2 PHASE 00001110 xxxxxxxx xxxxxxxx xxxxxxxx xxxxxxxx xxxxxxxx |