| 전자부품 데이터시트 검색엔진 |
|
PIC18LF4331 데이터시트(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331 데이터시트(HTML) 34 Page - Microchip Technology |
|
34 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 34 2010 Microchip Technology Inc. 3.7 Clock Sources and Oscillator Switching Like previous PIC18 devices, the PIC18F2331/2431/ 4331/4431 devices include a feature that allows the sys- tem clock source to be switched from the main oscillator to an alternate low-frequency clock source. PIC18F2331/ 2431/4331/4431 devices offer two alternate clock sources. When enabled, these give additional options for switching to the various power-managed operating modes. Essentially, there are three clock sources for these devices: • Primary oscillators • Secondary oscillators • Internal oscillator block The primary oscillators include the External Crystal and Resonator modes, the External RC modes, the External Clock modes and the internal oscillator block. The particular mode is defined on POR by the contents of Configuration Register 1H. The details of these modes are covered earlier in this chapter. The secondary oscillators are those external sources not connected to the OSC1 or OSC2 pins. These sources may continue to operate even after the controller is placed in a power-managed mode. PIC18F2331/2431/4331/4431 devices offer only the Timer1 oscillator as a secondary oscillator. This oscillator, in all power-managed modes, is often the time base for functions such as a Real-Time Clock (RTC). Most often, a 32.768 kHz watch crystal is connected between the RC0/T1OSO/T1CKI and RC1/T1OSI/ CCP2/FLTA pins. Like the LP Oscillator mode circuit, loading capacitors are also connected from each pin to ground. The Timer1 oscillator is discussed in greater detail in Section 13.2 “Timer1 Oscillator” . In addition to being a primary clock source, the internal oscillator block is available as a power-managed mode clock source. The INTRC source is also used as the clock source for several special features, such as the WDT and Fail-Safe Clock Monitor. The clock sources for the PIC18F2331/2431/4331/4431 devices are shown in Figure 3-8. See Section 13.0 “Timer1 Module” for further details of the Timer1 oscillator. See Section 23.1 “Configuration Bits” for Configuration register details. 3.7.1 OSCILLATOR CONTROL REGISTER The OSCCON register (Register 3-2) controls sev- eral aspects of the system clock’s operation, both in full-power operation and in power-managed modes. The System Clock Select bits, SCS<1:0>, select the clock source that is used when the device is operating in power-managed modes. The available clock sources are the primary clock (defined in Configuration Register 1H), the secondary clock (Timer1 oscillator) and the internal oscillator block. The clock selection has no effect until a SLEEP instruction is executed and the device enters a power-managed mode of operation. The SCS bits are cleared on all forms of Reset. The Internal Oscillator Select bits, IRCF<2:0>, select the frequency output of the internal oscillator block that is used to drive the system clock. The choices are the INTRC source, the INTOSC source (8 MHz) or one of the six frequencies derived from the INTOSC post- scaler (125 kHz to 4 MHz). If the internal oscillator block is supplying the system clock, changing the states of these bits will have an immediate change on the internal oscillator’s output. On device Resets, the default output frequency of the internal oscillator block is set at 32 kHz. The OSTS, IOFS and T1RUN bits indicate which clock source is currently providing the system clock. The OSTS indicates that the Oscillator Start-up Timer has timed out, and the primary clock is providing the system clock in Primary Clock modes. The IOFS bit indicates when the internal oscillator block has stabilized, and is providing the system clock in RC Clock modes. The T1RUN bit (T1CON<6>) indicates when the Timer1 oscillator is providing the system clock in Secondary Clock modes. In power-managed modes, only one of these three bits will be set at any time. If none of these bits are set, the INTRC is providing the system clock, or the internal oscillator block has just started and is not yet stable. The IDLEN bit controls the selective shutdown of the controller’s CPU in power-managed modes. The use of these bits is discussed in more detail in Section 4.0 “Power-Managed Modes” Note 1: The Timer1 oscillator must be enabled to select the secondary clock source. The Timer1 oscillator is enabled by setting the T1OSCEN bit in the Timer1 Control register (T1CON<3>). If the Timer1 oscillator is not enabled, then any attempt to select a secondary clock source, when executing a SLEEP instruction, will be ignored. 2: It is recommended that the Timer1 oscillator be operating and stable before executing the SLEEP instruction, or a very long delay may occur while the Timer1 oscillator starts. |